| データシートサーチシステム |
|
SIM800 データシート(PDF) 104 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 104 Page - SIMCom |
|
104 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 104 2015-08-03 Parameter Saving Mode AT&W_SAVE Max Response Time - Reference Note 3.2.47 AT+CRSL Ringer Sound Level AT+CRSL Ringer Sound Level Response +CRSL: (list of supported <level>s) OK If error is related to ME functionality: +CME ERROR: <err> Test Command AT+CRSL=? Parameter See Write Command Response +CRSL: <level> OK If error is related to ME functionality: +CME ERROR: <err> Read Command AT+CRSL? Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CRSL=<leve l> Parameters <level> integer type value (0-100) with manufacturer specific range Parameter Saving Mode AUTO_SAVE Max Response Time - Reference 3GPP TS 27.007 [13] Note 3.2.48 AT+CLVL Loud Speaker Volume Level AT+CLVL Loud Speaker Volume Level |