| データシートサーチシステム |
|
SIM800 データシート(PDF) 109 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 109 Page - SIMCom |
|
109 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 109 2015-08-03 Response +CUSD: (list of supported <n>s) OK Test Command AT+CUSD=? Parameters See Write Command Response +CUSD: <n> OK Read Command AT+CUSD? Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CUSD=<n>[, <str>[,<dcs>]] Parameters <n> A numeric parameter which indicates control of the unstructured supplementary service data 0 disable the result code presentation in the TE 1 enable the result code presentation in the TE 2 cancel session (not applicable to read Command response) <str> String type (string should be included in quotation marks) USSD-string <dcs> Cell Broadcast Data Coding Scheme in integer format (default 0) Parameter Saving Mode NO_SAVE Max Response Time - Reference GSM 03.38 [25] Note When ussd is not suport or return error,TE will print +CUSD:4. 3.2.54 AT+CSSN Supplementary Services Notification AT+CSSN Supplementary Services Notification Response +CSSN: (list of supported <n>s),(list of supported <m>s) OK Test Command AT+CSSN=? Parameters See Write Command Read Command Response |