| データシートサーチシステム |
|
SIM800 データシート(PDF) 115 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 115 Page - SIMCom |
|
115 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 115 2015-08-03 1) If text mode (+CMGF=1) and Command successful: for SMS-SUBMITs and/or SMS-DELIVERs: +CMGL: <index>,<stat>,<oa/da>[,<alpha>][,<scts>] [,<tooa/toda>,<length>]<CR><LF><data> [<CR><LF>+CMGL: <index>,<stat>,<da/oa> [,<alpha>][,<scts>][,<tooa/toda>,<length>]<CR><LF><data>[...]] for SMS-STATUS-REPORTs: +CMGL: <index>,<stat>,<fo>,<mr>[,<ra>][,<tora>],<scts>,<dt>,<st> [<CR><LF>+CMGL: <index>,<stat>,<fo>,<mr> [,<ra>][,<tora>],<scts>,<dt>,<st>[...]] for SMS-COMMANDs: +CMGL: <index>,<stat>,<fo>,<ct>[<CR><LF> +CMGL: <index>,<stat>,<fo>,<ct>[...]] for CBM storage: +CMGL:<index>,<stat>,<sn>,<mid>,<page>,<pages> <CR><LF><data> <CR><LF>+CMGL: <index>,<stat>,<sn>,<mid>,<page>,<pages> <CR><LF><data>[...]] OK 2) If PDU mode (+CMGF=0) and Command successful: +CMGL:<index>,<stat>[,<alpha>],<length> <CR><LF><pdu><CR><LF> +CMGL: <index>,<stat>[,alpha],<length> <CR><LF><pdu>[...]] OK 3)If error is related to ME functionality: +CMS ERROR: <err> Parameters <alpha> String type(string should be included in quotation marks) alphanumeric representation of <da> or <oa> corresponding to the entry found in MT phonebook; implementation of this feature is manufacturer specific; used character set should be the one selected with Command Select TE Character Set +CSCS (see definition of this Command in 3GPP TS 27.007) <da> GSM 03.40 TP-Destination-Address Address-Value field in string format; BCD numbers (or GSM default alphabet characters) are converted to characters of the currently selected TE character set (refer Command+CSCS in 3GPP TS 27.007); type of address given by <toda> <data> In the case of SMS: GSM 03.40 TP-User-Data in text mode responses; format: - if <dcs> indicates that GSM 03.38 default alphabet is used and |