| データシートサーチシステム |
|
SIM800 データシート(PDF) 224 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 224 Page - SIMCom |
|
224 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 224 2015-08-03 OK Parameters See Write Command Response 1) For single IP connection (+CIPMUX=0) +CIPSEND: <size> OK 2) For multi IP connection (+CIPMUX=1) +CIPSEND: <n>,<size> OK Read Command AT+CIPSEND? Parameters <n> A numeric parameter which indicates the connection number <size> A numeric parameter which indicates the data length sent at a time Response This Command is used to send changeable length data If single IP is connected (+CIPMUX=0) If connection is not established or module is disconnected: If error is related to ME functionality: +CME ERROR <err> If sending is successful: When +CIPQSEND=0 SEND OK When +CIPQSEND=1 DATA ACCEPT:<length> If sending fails: SEND FAIL If multi IP connection is established (+CIPMUX=1) If connection is not established or module is disconnected: If error is related to ME functionality: +CME ERROR <err> If sending is successful: When +CIPQSEND=0 <n>,SEND OK When +CIPQSEND=1 DATA ACCEPT:<n>,<length> If sending fails: <n>,SEND FAIL Write Command 1) If single IP connection (+CIPMUX=0) AT+CIPSEND=< length> 2) If multi IP connection (+CIPMUX=1) AT+CIPSEND=< n>[,<length>] Parameters |