| データシートサーチシステム |
|
SIM800 データシート(PDF) 281 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 281 Page - SIMCom |
|
281 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 281 2015-08-03 Parameter Saving Mode NO_SAVE Max Response Time 75 seconds(In case no response is received from server) Reference Note The created folder is specified by the "AT+FTPGETPATH" command. 12.2.22 AT+FTPRMD Remove Directory on the Remote Machine AT+FTPRMD Remove Directory on the Remote Machine Test Command AT+FTPRMD=? Response OK Response If success: OK +FTPRMD: 1,0 If failed: OK +FTPRMD: 1,<error> If error is related to ME functionality: +CME ERROR: <err> Execution Command AT+FTPRMD Parameters <error> See "AT+FTPGET" Parameter Saving Mode NO_SAVE Max Response Time 75 seconds(In case no response is received from server) Reference Note The removed folder is specified by the "AT+FTPGETPATH" command. 12.2.23 AT+FTPLIST List Contents of Directory on the Remote Machine AT+FTPLIST List Contents of Directory on the Remote Machine Test Command AT+FTPLIST=? Response OK Write Command AT+FTPLIST=<m ode>[,<reqlength> ] Response If mode is 1 and it is a successful FTP get session: OK +FTPLIST: 1,1 If data transfer is finished: |