| データシートサーチシステム |
|
SIM800 データシート(PDF) 286 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 286 Page - SIMCom |
|
286 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 286 2015-08-03 3 output download data <filename> file name to write data in mode 2. Alphanumeric ASCII text string up to 64 characters. <readPosition> position start read data in mode 3. <readLength> read length in mode 3 <totalLength> The total length of data bytes have been download <outputLength> total length will be output from serial port <error> 85 An error related with file system. Other errors pls see FTPGET. Parameter Saving Mode NO_SAVE Max Response Time 75 seconds(In case no response is received from server) Reference Note Can not use this function when set FTPEXTPUT mode 1 12.2.27 AT+FTPFILEPUT Load File in RAM from File System then Upolad with FTPPUT AT+FTPFILEPUT Load File in RAM from File System then Upload with FTPPUT Test Command AT+FTPFILEPU T=? Response OK Response If success: OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+FTPFILEPU T=<mode>[,filena me] Parameters <mode> 0 not use FTPFILEPUT method 1 use FTPFILEPUT method <filename> file name to write data in mode 1. Alphanumeric ASCII text string up to 64 characters. <error> 85 An error related with file system. Other errors pls see FTPGET. Parameter Saving Mode NO_SAVE Max Response Time 75 seconds(In case no response is received from server) Reference Note Can not use this function when set FTPEXTPUT mode 1. |