| データシートサーチシステム |
|
SIM800 データシート(PDF) 128 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 128 Page - SIMCom |
|
128 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 128 2015-08-03 ERROR Parameter <profile> 0 Restore SM service settings from profile 0 1 Restore SM service settings from profile 1 2 Restore SM service settings from profile 2 3 Restore SM service settings from profile 3 Execution Command AT+CRES Response Same as AT+CRES=0. OK If error is related to ME functionality: +CMS ERROR <err> Parameter Saving Mode NO_SAVE Max Response Time 5s Reference 3GPP TS 27.005 Note 4.2.11 AT+CSAS Save SMS Settings AT+CSAS Save SMS Settings Response +CSAS: (list of supported <profile>s) OK Test Command AT+CSAS=? Parameter See Write Command Response Execution command saves active message service settings to a non-volatile memory. Settings specified in commands Service Centre Address +CSCA and Set Message Parameters +CSMP are saved. Certain settings may not be supported by the storage (e.g. (U)SIM SMS parameters) and therefore can not be saved. OK ERROR Write Command AT+CSAS=<prof ile> Parameter <profile> 0 Save SM service setting in profile 0 1 Save SM service setting in profile 1 2 Save SM service setting in profile 2 3 Save SM service setting in profile 3 Execution Command AT+CSAS Response Same as AT+CSAS=0 OK |