| データシートサーチシステム |
|
SIM800 データシート(PDF) 131 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 131 Page - SIMCom |
|
131 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 131 2015-08-03 Mode Max Response Time - Reference 3GPP TS 27.005 Note AT+CSCB=0 will reset <mids> and <dcss> and select no <mids> and no <dcss>. AT+CSCB=1 means all <dcss> are accepted but this command has no effect on the list of the <mids> accepted. "0-255" means all <dcss> are accepted. AT+CSCB=0, <mids> will add the <mids> values in the <mids> current list handled by module. AT+CSCB=0, <dcss> will add the <dcss> values in the <dcss> current list handled by module. If AT+CSCB=0, <mids> is received while the list of <mids> is full, OK is returned and new value is not added. 4.2.14 AT+CSDH Show SMS Text Mode Parameters AT+CSDH Show SMS Text Mode Parameters Response +CSDH: (list of supported <show>s) OK Test Command AT+CSDH=? Parameter See Write Command Response +CSDH: <show> OK Read Command AT+CSDH? Parameter See Write Command Response TA determines whether detailed header information is shown in text mode result codes. OK Write Command AT+CSDH=[<sh ow>] Parameter <show> 0 Do not show header values defined in commands +CSCA and +CSMP (<sca>, <tosca>, <fo>, <vp>, <pid> and <dcs>) nor <length>, <toda> or <tooa> in +CMT, +CMGL, +CMGR result codes for SMS-DELIVERs and SMS-SUBMITs in text mode 1 Show the values in result codes Parameter Saving Mode NO_SAVE Max Response - |