| データシートサーチシステム |
|
SIM800 データシート(PDF) 136 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 136 Page - SIMCom |
|
136 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 136 2015-08-03 Parameter <result> HEX String --specified in GSM11.14[12.12] - '00' = Command performed successfully; - '10' = Proactive SIM session terminated by the user; - '11' = Backward move in the proactive SIM session requested by the user; … - '2000' = ME currently unable to process command, No specific cause can be given; - '2001' = ME currently unable to process command, Screen is busy; … <text> Hex String If response to GET INPUT or GET INKEY --specified in GSM11.14[12.15] -text string, the first 2 char is Data coding scheme If response to SELECT ITEM --specified in GSM11.134[12.10] -Identifier of item chosen Parameter Saving Mode NO_SAVE Max Response Time - Reference Note For more detail used, can refer AT+STKTR command 5.2.2 AT+STKENVS STK Envelope Command AT+STKENVS STK Envelope Command Response +STKENVS: <command_length>,<data_length> OK Test Command AT+STKENVS=? Parameter See Write Command Response OK Read Command AT+STKENVS? Parameter See Write Command Write Command AT+STKENVS=< command>[,<data Response OK ERROR |