| データシートサーチシステム |
|
SIM800 データシート(PDF) 133 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 133 Page - SIMCom |
|
133 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 133 2015-08-03 Reference 3GPP TS 27.005 Note 4.2.16 AT+CSMS Select Message Service AT+CSMS Select Message Service Response +CSMS: (list of supported <service>s) OK Test Command AT+CSMS=? Parameter See Write Command Response +CSMS: <service>,<mt>,<mo>,<bm> OK Read Command AT+CSMS? Parameters See Write Command Response +CSMS: <mt>,<mo>,<bm> OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CSMS=<ser vice> Parameters <service> 0 GSM 03.40 and 03.41 (the syntax of SMS AT commands is compatible with 3GPP TS 27.005 Phase 2 version 4.7.0; Phase 2+ features which do not require new Command syntax may be supported (e.g. correct routing of messages with new Phase 2+ data coding schemes)) 1 GSM 03.40 and 03.41 (the syntax of SMS AT commands is compatible with 3GPP TS 27.005 Phase 2+ version; the requirement of <service> setting 1 is mentioned under corresponding command descriptions) <mt> Mobile Terminated Messages: 0 Type not supported 1 Type supported <mo> Mobile Originated Messages: 0 Type not supported 1 Type supported <bm> Broadcast Type Messages: 0 Type not supported 1 Type supported Parameter Saving Mode NO_SAVE |