| データシートサーチシステム |
|
SIM800 データシート(PDF) 146 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 146 Page - SIMCom |
|
146 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 146 2015-08-03 project, please refer to chapter 21 for details. 6.2.2 AT+CPOWD Power off AT+CPOWD Power Off Response [NORMAL POWER DOWN] Write Command AT+CPOWD=<n > Parameter <n> 0 Power off urgently (Will not send out NORMAL POWER DOWN) 1 Normal power off (Will send out NORMAL POWER DOWN) Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 6.2.3 AT+SPIC Times Remained to Input SIM PIN/PUK AT+SPIC Times Remained to Input SIM PIN/PUK Response Times remained to input SIM PIN +SPIC: <pin1>,<pin2>,<puk1>,<puk2> OK Execution Command AT+SPIC Parameters <pin1> Times remained to input chv1 <pin2> Times remained to input chv2 <puk1> Times remained to input puk1 <puk2> Times remained to input puk2 Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 6.2.4 AT+CMIC Change the Microphone Gain Level AT+CMIC Change the Microphone Gain Level Test Command AT+CMIC=? Response +CMIC: (list of supported <channel>s),(list of supported <gainlevel>s) |