| データシートサーチシステム |
|
SIM800 データシート(PDF) 149 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 149 Page - SIMCom |
|
149 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 149 2015-08-03 Parameter Saving Mode AUTO_SAVE Max Response Time - Reference Note If user sets recurr function, the string of <time> should not enter "yy/MM/dd", for example: set Monday to Friday alarm at the time of 16PM of alarm 2. AT+CALA="16:00:00",2,1,2,3,4,5 6.2.6 AT+CALD Delete Alarm AT+CALD Delete Alarm Response +CALD: (list of supported <n>s) OK Test Command AT+CALD=? Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CALD=<n> Parameters <n> Integer type value indicating the index of the alarm; default vaule is manufacturer specific (range from 1 to 5 now). Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 6.2.7 AT+CADC Read ADC AT+CADC Read ADC Response +CADC: (list of supported <status>s),(list of supported <value>s) OK Test Command AT+CADC=? Parameters <status> 1 Success 0 Fail <value> Integer 0-2800 Read Command Response |