| データシートサーチシステム |
|
SIM800 データシート(PDF) 163 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 163 Page - SIMCom |
|
163 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 163 2015-08-03 <ts> Timeslot number <maio> MAIO value <hsn> HSN value <rxq_sub> Receiving quality (sub), range is 0 - 7 <rxq_full> Receiving quality (full), range is 0 – 7 <ch_mod> Speech channel type, in string format Parameter Saving Mode NO_SAVE Max Response Time - Reference Note <lac> and <cellid> are in hex, <ch_mod> is string, and others are in DEC. If network supports frequency hopping, then <tch> is invalid, value is 0. Under non-dedicated mode: <tch>,<ts>,<maio>,<hsn>,<rxq_sub>,<rxq_full>,<ch_mod> parameters are invalid, shown in "x". Under dedicated mode, <c1> and<c2> in service cell are invalid, either all neighbor cell parameters. Parameter <rssi> value of "AT+CSQ" is half of <rxl>. The sum of <dbm> and <rxl> is 113. That is to say, <rssi> = <rxl>/2 and <dbm>=113-<rxl>. 6.2.22 AT+SCLASS0 Store Class 0 SMS to SIM When Received Class 0 SMS AT+SCLASS0 Store Class 0 SMS to SIM When Module Received Class 0 SMS Response +SCLASS0: (0, 1) OK Test Command AT+SCLASS0=? Parameters See Write Command Response +SCLASS0: <mode> OK Read Command AT+SCLASS0? Parameters See Write Command Response OK ERROR Write Command AT+SCLASS0=< mode> Parameters |