| データシートサーチシステム |
|
SIM800 データシート(PDF) 167 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 167 Page - SIMCom |
|
167 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 167 2015-08-03 19 Indian Dial Tone 20 American Dial Tone <duration> Numeric type, in milliseconds. Max requested value = 255*60*1000 = 15300000ms (supported range = 10-15300000) Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 6.2.27 AT+SIMTONE Generate Specifically Tone AT+SIMTONE Generate Specifically Tone Response +SIMTONE: (0,1),(20-20000),(200-25500),(0,100-25500),(10-500000) OK Test Command AT+SIMTONE= ? Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Unsolicited Result Code The playing is stopped or completed. +SIMTONE: 0 Write Command AT+SIMTONE= <mode>,<freque ncy>,<periodOn >,<periodOff>[,< duration>] Parameters <mode> 0 Stop playing tone 1 Start playing tone <frequency> The frequency of tone to be generated <periodOn> The period of generating tone, must be multiple of 100 <periodOff> The period of stopping tone, must be multiple of 100 <duration> Duration of tones in milliseconds Parameter Saving Mode NO_SAVE Max Response Time - Reference Note |