| データシートサーチシステム |
|
SIM800 データシート(PDF) 231 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 231 Page - SIMCom |
|
231 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 231 2015-08-03 Parameter Saving Mode NO_SAVE Max Response Time - Reference Note Only after PDP context is activated, local IP Address can be obtained by AT+CIFSR, otherwise it will respond ERROR. The active status are IP GPRSACT, TCP/UDP CONNECTING, CONNECT OK, IP CLOSE. 8.2.12 AT+CIPSTATUS Query Current Connection Status AT+CIPSTATUS Query Current Connection Status Test Command AT+CIPSTATUS =? Response OK Response +CIPSTATUS: <n>,<bearer>, <TCP/UDP>, <IP address>, <port>, <client state> OK Write Command If multi IP connection mode (+CIPMUX=1) AT+CIPSTATU S=<n> Parameters See Execution Command Response 1)If in single connection mode (+CIPMUX=0) OK STATE: <state> 2) If in multi-connection mode (+CIPMUX=1) OK STATE: <state> If the module is set as server S: 0, <bearer>, <port>, <server state> C: <n>,<bearer>, <TCP/UDP>, <IP address>, <port>, <client state> Execution Command AT+CIPSTATUS Parameters <n> 0-5 A numeric parameter which indicates the connection number <bearer> 0-1 GPRS bearer, default is 0 <server state> OPENING LISTENING CLOSING <client state> INITIAL CONNECTING CONNECTED |