| データシートサーチシステム |
|
SIM800 データシート(PDF) 233 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 233 Page - SIMCom |
|
233 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 233 2015-08-03 OK Parameter See Write Command Response OK ERROR Write Command AT+CDNSCFG= <pri_dns>[,<sec_ dns>] Parameters <pri_dns> A string parameter which indicates the IP address of the primary domain name server <sec_dns> A string parameter which indicates the IP address of the secondary domain name server Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 8.2.14 AT+CDNSGIP Query the IP Address of Given Domain Name AT+CDNSGIP Query the IP Address of Given Domain Name Test Command AT+CDNSGIP= ? Response OK Response OK ERROR If successful, return: +CDNSGIP: 1, <domain name>,<IP1>[,<IP2>] If fail, return: +CDNSGIP:0,<dns error code> Write Command AT+CDNSGIP= <domain name> Parameters <domain name> A string parameter which indicates the domain name <IP1> A string parameter which indicates the first IP address corresponding to the domain name <IP2> A string parameter which indicates the second IP address corresponding to the domain name <dns error code> A numeric parameter which indicates the error code 8 DNS COMMON ERROR 3 NETWORK ERROR There are some other error codes as well. Parameter Saving Mode NO_SAVE |