| データシートサーチシステム |
|
SIM800 データシート(PDF) 243 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 243 Page - SIMCom |
|
243 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 243 2015-08-03 OK Parameter See Write Command Response OK ERROR Write Command 1) For single IP connection (+CIPMUX=0) AT+CIPUDPMOD E=<mode>[,<IP address>,<Port>] 2) For multi IP connection (+CIPMUX=1) AT+CIPUDPMOD E=<n>,<mode>[,<I P address>,<Port>] <n> 0-5 A numeric parameter which indicates the connection number <mode> 0 UDP Normal Mode 1 UDP Extended Mode 2 Set UDP address to be sent <IP address> A string parameter which indicates remote IP address <port> Remote port Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 8.2.26 AT+CIPRXGET Get Data from Network Manually AT+CIPRXGET Get Data from Network Manually Response If single IP connection (+CIPMUX=0) +CIPRXGET: (list of supported <mode>s),(list of supported <reqlength>) OK If multi IP connection (+CIPMUX=1) +CIPRXGET: (list of supported <mode>s), (list of supported <id>s), (list of supported <reqlength>) OK Test Command AT+CIPRXGET =? Parameters See Write Command Read Command AT+CIPRXGET ? Response +CIPRXGET: <mode> OK |