| データシートサーチシステム |
|
SIM800 データシート(PDF) 247 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 247 Page - SIMCom |
|
247 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 247 2015-08-03 <rdsigtimer> remote delay timer of single connection. <rdmuxtimer> remote delay timer of multi-connections. Parameter Saving Mode NO_SAVE Max Response Time - Reference Note This command is used to shorten the disconnect time locally when the remote server has been disconnected. 8.2.29 AT+CIPSGTXT Select GPRS PDP context AT+CIPSGTXT Select GPRS PDP context Response +CIPSGTXT: (0,1) OK Test Command AT+CIPSGTXT =? Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CIPSGTXT =<mode> Parameters <mode> 0 select first PDP context 1 select second PDP context Parameter Saving Mode NO_SAVE Max Response Time - Reference Note This command is used to select pdp context, only for multi IP connection (+CIPMUX=1). |