| データシートサーチシステム |
|
SIM800 データシート(PDF) 251 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 251 Page - SIMCom |
|
251 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 251 2015-08-03 10 AT Commands for PING Support 10.1 Overview Command Description AT+CIPPING Ping request AT+CIPCTL Set the mode when receiving an IP packet AT+CIPFLT Set the rules of IP filter AT+CIPBEIPING Set the module to be PING or not 10.2 Detailed Descriptions of Commands 10.2.1 AT+CIPPING PING Request AT+CIPPING PING Request Response +CIPPING: (list of supported <retryNum>s),(list of supported <dataLen>s),(list of supported <timeout>s),(list of supported <ttl>s) OK Test Command AT+CIPPING=? Parameters See Write Command Response +CIPPING: <retryNum>,<dataLen>,<timeout>,<ttl> OK Read Command AT+CIPPING? Parameters See Write Command Write Command AT+CIPPING=<IP addr>[,<retryNum >[,<dataLen>[,<ti meout>[,<ttl>]]]] Response +CIPPING: <replyId>,<Ip Address>,<replyTime>,<ttl>[<CR><LF> +CIPPING: <replyId>,<Ip Address>,<replyTime>,<ttl> [...]] OK or ERROR or +CME ERROR: <err> |