| データシートサーチシステム |
|
SIM800 データシート(PDF) 261 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 261 Page - SIMCom |
|
261 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 261 2015-08-03 411 Length Required 412 Precondition Failed 413 Request Entity Too Large 414 Request-URI Too Large 415 Unsupported Media Type 416 Requested range not satisfiable 417 Expectation Failed 500 Internal Server Error 501 Not Implemented 502 Bad Gateway 503 Service Unavailable 504 Gateway Time-out 505 HTTP Version not supported 600 Not HTTP PDU 601 Network Error 602 No memory 603 DNS Error 604 Stack Busy <DataLen> The length of data got Parameter Saving Mode NO_SAVE Max Response Time About 5 seconds in test, dependence on network status and the size of request website Reference Note 11.2.6 AT+HTTPREAD Read the HTTP Server Response AT+HTTPREAD Read the HTTP Server Response Response +HTTPREAD: (list of supported <start_address>s),(list of supported <byte_size>s) OK Test Command AT+HTTPREA D=? Parameters See Write Command Write Command AT+HTTPREA D=<start_addres s>,<byte_size> Response +HTTPREAD: <date_len> <data> OK Read data when AT+HTTPACTION=0 or AT+HTTPDATA is executed. |