| データシートサーチシステム |
|
SIM800 データシート(PDF) 263 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 263 Page - SIMCom |
|
263 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 263 2015-08-03 BREAKEND: <value> USERDATA: <value> OK Parameters <mode> 0 Saved, the value from NVRAM 1 Unsaved, the value from RAM For other parameters, see the related command. Response TA saves HTTP Application Context which consists of following AT Command parameters, and when system is rebooted, the parameters will be loaded automatically. OK If error is related to ME functionality: +CME ERROR: <err> Execution Command AT+HTTPSCON T Parameters Parameter Saving Mode NO_SAVE Max Response Time - Reference Note This command can only be used after run AT+HTTPINIT. 11.2.8 AT+HTTPSTATUS Read HTTP Status AT+HTTPSTATUS Read HTTP Status Test Command AT+HTTPSTAT US=? Response OK Read Command AT+HTTPSTAT US? Response +HTTPSTATUS: <mode>,<status>,<finish>,<remain> OK If error is related to ME functionality: +CME ERROR: <err> |