| データシートサーチシステム |
|
SIM800 データシート(PDF) 271 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 271 Page - SIMCom |
|
271 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 271 2015-08-03 If error is related to ME functionality: +CME ERROR: <err> Parameters <value> Alphanumeric ASCII text string up to 49 characters. Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 12.2.9 AT+FTPPW Set FTP Password AT+FTPPW Set FTP Password Response OK Test Command AT+FTPPW=? Parameters See Write Command Response +FTPPW: <value> OK Read Command AT+FTPPW? Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+FTPPW=<v alue> Parameter <value> Alphanumeric ASCII text string up to 49 characters. Parameter Saving Mode NO_SAVE Max Response Time - Reference Note |