| データシートサーチシステム |
|
SIM800 データシート(PDF) 273 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 273 Page - SIMCom |
|
273 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 273 2015-08-03 +CME ERROR: <err> Parameters <value> Alphanumeric ASCII text string up to 255 characters Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 12.2.12 AT+FTPPUTNAME Set Upload File Name AT+FTPPUTNAME Set Upload File Name Test Command AT+FTPPUTNA ME=? Response OK Response +FTPPUTNAME: <value> OK Read Command AT+FTPPUTNA ME? Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+FTPPUTNA ME=<value> Parameters <value> Alphanumeric ASCII text string up to 99 characters Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 12.2.13 AT+FTPPUTPATH Set Upload File Path AT+FTPPUTPATH Set Upload File Path |