| データシートサーチシステム |
|
SIM800 データシート(PDF) 300 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 300 Page - SIMCom |
|
300 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 300 2015-08-03 on the network status. <code> See AT+SMTPSEND Parameter Saving Mode NO_SAVE Max Response Time - Reference Note <reqLength> can not be greater than <maxLength>. When “+SMTPFT: 1,<maxLength>” is reported, then use AT+SMTPFT=<reqLength> to send data. 14.2.12 AT+SMTPCS Set the Email Charset AT+SMTPCS Set the Email Charset Response +SMTPCS: <charsetLength> OK Test Command AT+SMTPCS=? Parameters See Write Command Response +SMTPCS: <charset> OK Read Command AT+SMTPCS? Parameter See Write Command Response OK If error is related to ME functionality: ERROR Write Command AT+SMTPCS=<cha rset> Parameters <charset> The Email charset, string type. It shows which charset the subject and the body are encoded in. If <charset> is not ASCII but UTF-8 or other, the subject and the body must be in hexadecimal format (e.g. “TEST” should be converted to “54455354”). The default charset is ASCII. <charsetLength> The max length of <charset>. Parameter Saving Mode NO_SAVE Max Response Time - |