| データシートサーチシステム |
|
SIM800 データシート(PDF) 296 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 296 Page - SIMCom |
|
296 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 296 2015-08-03 14.2.7 AT+SMTPSUB Set the Email Subject AT+SMTPSUB Set the Email Subject Response +SMTPSUB: <subjectLength> OK Test Command AT+SMTPSUB=? Parameters See Write Command Response +SMTPSUB: <subject> OK Read Command AT+SMTPSUB? Parameter See Write Command Response OK If error is related to ME functionality: ERROR Write Command AT+SMTPSUB=<su bject> Parameters <subject> The Email subject, string type. It will be present in the header of the Email sent by SMTP client in the field: "Subject:" <subjectLength> The max length of <subject>. Parameter Saving Mode NO_SAVE Max Response Time - Reference Note If the Email charset is not ASCII,<subject> must be in hexadecimal format. 14.2.8 AT+SMTPBODY Set the Email Body AT+SMTPBODY Set the Email Body Response +SMTPBODY: <bodyLength> OK Test Command AT+SMTPBODY=? Parameters See Write Command |