データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIM800 データシート(PDF) 306 Page - SIMCom

部品番号 SIM800
部品情報  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIMCOM [SIMCom]
ホームページ  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 データシート(HTML) 306 Page - SIMCom

Back Button SIM800 Datasheet HTML 302Page - SIMCom SIM800 Datasheet HTML 303Page - SIMCom SIM800 Datasheet HTML 304Page - SIMCom SIM800 Datasheet HTML 305Page - SIMCom SIM800 Datasheet HTML 306Page - SIMCom SIM800 Datasheet HTML 307Page - SIMCom SIM800 Datasheet HTML 308Page - SIMCom SIM800 Datasheet HTML 309Page - SIMCom SIM800 Datasheet HTML 310Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
306
2015-08-03
does not issue an error response, but the “scan listing” will be
empty. In either case, each scan listing will be finished by
so-called “dotline”, i.e. a new line with just a single dot.
<msgNumber> and <lineNumber> must not be given.
2
Uidl command
The “Uidl” command returns a multi-line “unique-id
Listing”. For each message on the maildrop list of the
Server the POP3 service returns a line containing the
message number and its unique-id. A final “dotline”
will be printed at the end of the “unique-id listing” If
there are no messages on the maildrop list of the server. The
POP3
service
returns
a
positive
response,
i.e. It does not issue an error response, but the “unique-
id listing” will be empty. In either case, each unique-id
listing will be finished by so-called “dotline”, i.e.a new
line with just a singledot. <msgNumber> and <lineNumber>
must not be given.
3
Top command
The command retrieves the number of lines of the message’s
body from the POP3 server’s maildrop list. The POP3 server
sends the headers of the message, the blank line separating
the headers from the body, and then the number of lines of the
message’s body. If the number of lines requested by The
POP3 client is greater than the number of lines
in the body, then the POP3 server sends the entire
message. If no such message exists on the server the POP3
service
issues
an
error
response
to
the
user.
Each email will be finished by a so-called “dotline”,
i.e.a
new
line
with
just
a
single
dot.
<msgNumber> and <lineNumber> must be given.
4
Retrieve command
The command retrieves the related message from the
POP3 server’s maildrop list. If no such message exists
on the server the POP3 service issues an error response to the
user. Each email will be finished by a so-called “dotline”, i.e.
a
new
line
with
just
a
single
dot.
<msgNumber> must be given.
<msgNumber>
The message number of Email.
<lineNumber>
The number of lines of the message body.
<code>
The result of logging out POP3 server
1
Normally log out POP3 server
61
Network error
62
DNS resolve error
63
POP3 tcp connection error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More