| データシートサーチシステム |
|
SIM800 データシート(PDF) 309 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 309 Page - SIMCom |
|
309 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 309 2015-08-03 Max Response Time - Reference Note The POP3 server marks the Email as deleted. Any future reference to the message-number associated with the Email in a POP3 command generates an error. The POP3 server does not actually delete the Email until the POP3 client logs out POP3 server and closes the session normally. 14.2.21 AT+POP3RSET Unmark the Emails that Be Marked as Deleted AT+POP3RSET Unmark the Emails that Be Marked as Deleted Response OK Test Command AT+POP3RSET=? Parameter Response OK If error is related to ME functionality: ERROR If POP3 server issues a positive response: +POP3RSET: 1 If POP3 server issues a negative response: +POP3REST: 0 If some error occur: +POP3OUT: <code> Execution Command AT+POP3RSET Parameters <code> The result of logging out POP3 server 1 Normally log out POP3 server 61 Network error 62 DNS resolve error 63 POP3 tcp connection error 64 Timeout of POP3 server response Parameter Saving Mode NO_SAVE Max Response Time - Reference Note |