| データシートサーチシステム |
|
SIM800 データシート(PDF) 333 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 333 Page - SIMCom |
|
333 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 333 2015-08-03 16 AT Commands for DDET Application DTMF detection can be set or activated by DDET command. 16.1 Overview Command Description AT+DDET DTMF detection control 16.2 Detailed Descriptions of Commands 16.2.1 AT+DDET DTMF Detection Control AT+DDET DTMF Detection Control Response +DDET: (0,1),(0-10000),(0,1),(0,1) OK Test Command AT+DDET=? Parameters See Write Command Response +DDET: <mode>,<interval>,<reportMode>,<ssdet> OK Read Command AT+DDET? Parameters See Write Command Response OK ERROR Write Command AT+DDET=<mo de>[,<interval>][ ,<reportMode>][ ,<ssdet>] Unsolicited Result Code 1)If <reoportMode> is set to 0 +DTMF: <key> 2)If <reportMode> is set to 1 +DTMF: <key>,<last time> |