| データシートサーチシステム |
|
SIM800 データシート(PDF) 329 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 329 Page - SIMCom |
|
329 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 329 2015-08-03 Response +CMMSTIMEOUT: <Send timeout>,<Recv timeout> OK Read Command AT+CMMSTIMEO UT? Parameters See Write Command Response OK or ERROR or +CME ERROR: <err> Write Command AT+CMMSTIMEO UT=<Send timeout>,<Recv timeout>> Parameters <Send timeout> Send timeout time, integer type, in seconds. <Recv timeout> Receive timeout time, integer type, in seconds. Parameter Saving Mode AT+CMMSSCONT Max Response Time - Reference Note 15.2.22 AT+CMMSSTATUS Get MMS Status AT+CMMSSTATUS Get MMS Status Response OK Test Command AT+CMMSSTATU S=? Parameters See Write Command Response +CMMSSTATUS:<status> OK or ERROR or +CME ERROR: <err> Read Command AT+CMMSSTATU S? Parameters <status> status of MMS action MMS_IDLE MMS_DOWNLOADING MMS_DOWNLOADED |