| データシートサーチシステム |
|
SIM800 データシート(PDF) 340 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 340 Page - SIMCom |
|
340 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 340 2015-08-03 18 AT Commands for TTS Application 18.1 Overview Command Description AT+CTTS TTS operation AT+CTTSPARAM Set params of the TTS playing AT+CTTSRING Enable/disable TTS play during incoming call ring 18.2 Detailed Descriptions of Commands 18.2.1 AT+CTTS TTS Operation AT+CTTS TTS Operation Response OK Test Command AT+CTTS=? No prameter Response +CTTS: <status> OK Read Command AT+CTTS? Parameters <status> 0 idle mode 1 play mode Response if<mode>=0,response: OK if<mode>=1 or 2,response: OK +CTTS: 0 // speech played over If error is related to MS functionality, response: +CME ERROR: <err> Write Command AT+CTTS=<mo de>[,<text>] Parameters <mode> 0 Stop playing speech 1 Start to play synthetic speech,<text> is in UCS2 coding format. 2 Start to play synthetic speech, <text> is in ASCII coding format. Chinese text is in GBK coding format. |