| データシートサーチシステム |
|
SIM800 データシート(PDF) 342 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 342 Page - SIMCom |
|
342 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 342 2015-08-03 Mode Max Response Time - Reference Note TTS play channel setting take no effect in call. TTS play channel depend on CHFA when in call. The default value of parameter <channel> is different among SIM800 series projects, please refer to chapter 21 for details. 18.2.3 AT+CTTSRING Enable/Disable TTS Play During Incoming Call Ring AT+CTTSRING Enable/Disable TTS Play During Incoming Call Ring Response +CTTSRING: (0,1) OK Test Command AT+CTTSRING=? Parameters See Write Command Response +CTTSRING: <mode> OK Read Command AT+CTTSRING? Parameters See Write Command Response OK If error is related to MS functionality, response: +CME ERROR: <err> Write Command AT+CTTSRING=< mode> Parameters <mode> enable/disable TTS play during incoming call ring 0 diable TTS play during incoming call ring 1 enable TTS play during incoming call ring Parameter Saving Mode NO_SAVE Max Response Time - Reference Note If <mode> is set to 1, it is up to the customer to stop TTS play before accept the call Note: Part of the project supported TTS function, please refer to chapter 21 for details. |