データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIM800 データシート(PDF) 346 Page - SIMCom

部品番号 SIM800
部品情報  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIMCOM [SIMCom]
ホームページ  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 データシート(HTML) 346 Page - SIMCom

Back Button SIM800 Datasheet HTML 342Page - SIMCom SIM800 Datasheet HTML 343Page - SIMCom SIM800 Datasheet HTML 344Page - SIMCom SIM800 Datasheet HTML 345Page - SIMCom SIM800 Datasheet HTML 346Page - SIMCom SIM800 Datasheet HTML 347Page - SIMCom SIM800 Datasheet HTML 348Page - SIMCom SIM800 Datasheet HTML 349Page - SIMCom SIM800 Datasheet HTML 350Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
346
2015-08-03
772
SIM powered down
773
SIM file not present
791
Param count not enough
792
Param count beyond
793
Param value range beyond
794
Param type not match
795
Param format invalid
796
Get a null param
797
CFUN state is 0 or 4
19.2 Summary of CMS ERROR Codes
Final result code +CMS ERROR: <err> indicates an error related to message service or network.
The operation is similar to ERROR result code. None of the following commands in the same
Command line is executed. Neither ERROR nor OK result code shall be returned.
<err> values used by common messaging commands:
Code of <err>
Meaning
1
Unassigned(unallocated) number
3
No route to destination
6
Channel unacceptable
8
Operator determined barring
10
Call barred
11
Reserved
16
Normal call clearing
17
User busy
18
No user responding
19
User alerting, no answer
21
Short message transfer rejected
22
Number changed
25
Pre-emption
26
Non-selected user clearing
27
Destination out of service
28
Invalid number format (incomplete number)
29
Facility rejected
30
Response to STATUS ENQUIRY
32
Normal, unspecified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More