| データシートサーチシステム |
|
SIM800 データシート(PDF) 355 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 355 Page - SIMCom |
|
355 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 355 2015-08-03 20 AT Commands Examples 20.1 Profile Commands Demonstration Syntax Expect Result The AT Command interpreter actively responds to input. AT OK Display the product name and the product release information. ATI SIM800 R11.08 OK Display product identification information: the manufacturer, the product name and the product revision information. AT+GSV SIMCOM_Ltd SIMCOM_SIM800H Revision: 1308B01SIM800H32 OK Display current configuration, a list of the current active profile parameters. AT&V [A complete listing of the active profile] OK Reporting of mobile equipment errors. The default CME error reporting setting is disabled. Switch to verbose mode Displays a string explaining the error in more details. AT+CMEE=? AT+CMEE? AT+CSCS=? AT+CSCS="TEST" AT+CMEE=2 AT+CSCS="TEST" +CMEE: (0-2) OK +CMEE: 1 OK +CSCS: ("IRA","GSM","UCS2","HE X","PCCP","PCDN","8859- 1") OK ERROR OK +CME ERROR: invalid input value Store the current configuration in nonvolatile memory. When the board is reset, the configuration changes from the last session are loaded. ATE0&W AT [Reset the board] AT OK [No echo] OK [No echo] OK |