| データシートサーチシステム |
|
SIM800 データシート(PDF) 356 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 356 Page - SIMCom |
|
356 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 356 2015-08-03 ATE1&W AT [No echo] OK [Echo on] OK Set the ME to minimum functionality AT+IPR? AT+CFUN=0 AT+IPR = 115200 AT+IPR? AT+CFUN=0 +IPR:0 OK OK +CPIN: NOT READY OK +IPR:115200 OK OK +CPIN: NOT READY ME has entered full functionality mode AT+CFUN? +CFUN:1 OK 20.2 SIM Commands Demonstration Syntax Expect Result List available phonebooks, and select the SIM phonebook. AT+CPBS=? AT+CPBS="SM" +CPBS: ("SM","ME","ON","FD") OK OK Display the ranges of phonebook entries and list the contents of the phonebook. AT+CPBR=? AT+CPBR=1,10 +CPBR: (1-250),40,14 OK [a listing of phonebook contents] OK Write an entry to the current phonebook. AT+CPBW=,"13 918 18xxxx",129,"Da niel" AT+CPBR=1,10 OK [a listing of phonebook contents] OK Find an entry in the AT+CPBF="Dani +CPBF:5, "13918186089",129,"Daniel" |