| データシートサーチシステム |
|
SIM800 データシート(PDF) 363 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 363 Page - SIMCom |
|
363 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 363 2015-08-03 There are two GPRS Service Codes for the ATD Command: Value 88 and 99. Establish a connection by service code 99. Establish a connection by service code 99 and using CID 1 ATD*99# ATD*99***1# CONNECT CONNECT Check if the MS is connected to the GPRS network Detach from the GPRS network Check if the MS is connected to the GPRS network AT+CGATT? AT+CGATT=0 AT+CGATT? +CGATT:1 OK OK +CGATT: 0 OK Check the class of the MS AT+CGCLASS? +CGCLASS:B OK Establish a context using the terminal equipment: defines CID 1 and sets the PDP type to IP, access point name and IP address aren’t set. AT+CGDCONT=1, "IP","CMNET" ATD*99# OK CONNECT Cancel a context using the terminal equipment Pause data transfer and enter Command mode by +++ Stop the GPRS data transfer AT+CGDCONT=1, "IP","CMNET" ATD*99# +++ ATH OK CONNECT OK OK Reconnect a context using the terminal equipment Resume the data transfer AT+CGDCONT=1, "IP","CMNET" ATD*99# +++ ATO OK CONNECT OK CONNECT *Quality of Service (QOS) is a special parameter of a CID which consists of several parameters itself. The QOS consists of The precedence class The delay class The reliability class |