| データシートサーチシステム |
|
SIM800 データシート(PDF) 366 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 366 Page - SIMCom |
|
366 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 366 2015-08-03 25.18" 0,239 +CIPPING:2,"10.78.25.18",5 3,238 +CIPPING:3,"10.78.25.18",6 0,239 +CIPPING:4,"10.78.25.18",5 0,239 OK IP Filter Setting AT+CIPFLT=1,1, "198.211.19.12","255. 255.0.0" AT+CIPFLT=1,, "10.43.21.69","255.0.0 .0” AT+CIPFLT=0,1 AT+CIPFLT=2 OK OK OK OK Set the Mode When Receiving an IP Packet AT+CIPCTL=0 AT+CIPCTL=1 AT+CIPCTL=2 OK OK OK 20.12 HTTP and FTP Commands Please refer to SIM800 Series_IP_Application Note.doc 20.13 GSM Location Commands Demonstration Syntax Expect Result Activate bearer profile AT+SAPBR=3,1,"Con type","GPRS" AT+SAPBR=3,1,"AP N","CMNET" AT+SAPBR =1,1 AT+SAPBR=2,1 OK OK OK +SAPBR: 1,1,"10.89.193.1" OK Get location AT+CIPGSMLOC=1, +CIPGSMLOC: |