| データシートサーチシステム |
|
H8SX/1663R データシート(PDF) 625 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R データシート(HTML) 625 Page - Renesas Technology Corp |
|
625 / 1504 page ![]() Section 12 Data Transfer Controller (DTC) Rev. 2.00 Sep. 24, 2008 Page 593 of 1468 REJ09B0412-0200 12.9.5 Chain Transfer When chain transfer is used, clearing of the activation source or DTCER is performed when the last of the chain of data transfers is executed. At this time, SCI and A/D converter interrupt/activation sources, are cleared when the DTC reads or writes to the relevant register. Therefore, when the DTC is activated by an interrupt or activation source, if a read/write of the relevant register is not included in the last chained data transfer, the interrupt or activation source will be retained. 12.9.6 Transfer Information Start Address, Source Address, and Destination Address The transfer information start address to be specified in the vector table should be address 4n. If an address other than address 4n is specified, the lower 2 bits of the address are regarded as 0s. The source and destination addresses specified in SAR and DAR, respectively, will be transferred in the divided bus cycles depending on the address and data size. 12.9.7 Transfer Information Modification When IBCCS = 1 and the DMAC is used, clear the IBCCS bit to 0 and then set to 1 again before modifying the DTC transfer information in the CPU exception handling routine initiated by a DTC transfer end interrupt. 12.9.8 Endian Format The DTC supports big and little endian formats. The endian formats used when transfer information is written to and when transfer information is read from by the DTC must be the same. |