| データシートサーチシステム |
|
H8SX/1663R データシート(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R データシート(HTML) 27 Page - Renesas Technology Corp |
|
27 / 1504 page ![]() Rev. 2.00 Sep. 24, 2008 Page xxvii of xxxii 21.3.5 I 2C Bus Status Register (ICSR)....................................................................... 1045 21.3.6 Slave Address Register (SAR)........................................................................ 1048 21.3.7 I 2C Bus Transmit Data Register (ICDRT)....................................................... 1049 21.3.8 I 2C Bus Receive Data Register (ICDRR)........................................................ 1049 21.3.9 I 2C Bus Shift Register (ICDRS)...................................................................... 1049 21.4 Operation ........................................................................................................................ 1050 21.4.1 I 2C Bus Format................................................................................................ 1050 21.4.2 Master Transmit Operation ............................................................................. 1051 21.4.3 Master Receive Operation............................................................................... 1053 21.4.4 Slave Transmit Operation ............................................................................... 1055 21.4.5 Slave Receive Operation................................................................................. 1058 21.4.6 Noise Canceler................................................................................................ 1059 21.4.7 Example of Use............................................................................................... 1060 21.5 Interrupt Request............................................................................................................. 1064 21.6 Bit Synchronous Circuit.................................................................................................. 1064 21.7 Usage Notes .................................................................................................................... 1065 Section 22 A/D Converter................................................................................1067 22.1 Features........................................................................................................................... 1067 22.2 Input/Output Pins............................................................................................................ 1070 22.3 Register Descriptions ...................................................................................................... 1071 22.3.1 A/D Data Registers A to H (ADDRA to ADDRH) ........................................ 1072 22.3.2 A/D Control/Status Register for Unit 0 (ADCSR_0)...................................... 1073 22.3.3 A/D Control/Status Register for Unit 1 (ADCSR_1)...................................... 1075 22.3.4 A/D Control Register for Unit 0 (ADCR_0)................................................... 1077 22.3.5 A/D Control Register for Unit 1 (ADCR_1)................................................... 1079 22.4 Operation ........................................................................................................................ 1081 22.4.1 Single Mode.................................................................................................... 1081 22.4.2 Scan Mode ...................................................................................................... 1082 22.4.3 Input Sampling and A/D Conversion Time .................................................... 1085 22.4.4 External Trigger Input Timing........................................................................ 1087 22.5 Interrupt Source .............................................................................................................. 1089 22.6 A/D Conversion Accuracy Definitions ........................................................................... 1090 22.7 Usage Notes .................................................................................................................... 1092 22.7.1 Module Stop Function Setting ........................................................................ 1092 22.7.2 A/D Input Hold Function in Software Standby Mode .................................... 1092 22.7.3 Notes on A/D Activation by an External Trigger ........................................... 1092 22.7.4 Permissible Signal Source Impedance ............................................................ 1093 22.7.5 Influences on Absolute Accuracy ................................................................... 1094 22.7.6 Setting Range of Analog Power Supply and Other Pins ................................. 1094 |