| データシートサーチシステム |
|
H8SX/1663R データシート(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R データシート(HTML) 18 Page - Renesas Technology Corp |
|
18 / 1504 page ![]() Rev. 2.00 Sep. 24, 2008 Page xviii of xxxii Section 12 Data Transfer Controller (DTC) ...................................................... 559 12.1 Features............................................................................................................................. 559 12.2 Register Descriptions........................................................................................................ 561 12.2.1 DTC Mode Register A (MRA) ......................................................................... 562 12.2.2 DTC Mode Register B (MRB).......................................................................... 563 12.2.3 DTC Source Address Register (SAR)............................................................... 564 12.2.4 DTC Destination Address Register (DAR)....................................................... 565 12.2.5 DTC Transfer Count Register A (CRA) ........................................................... 565 12.2.6 DTC Transfer Count Register B (CRB)............................................................ 566 12.2.7 DTC enable registers A to F (DTCERA to DTCERF) ..................................... 566 12.2.8 DTC Control Register (DTCCR) ...................................................................... 567 12.2.9 DTC Vector Base Register (DTCVBR)............................................................ 569 12.3 Activation Sources............................................................................................................ 569 12.4 Location of Transfer Information and DTC Vector Table................................................ 569 12.5 Operation .......................................................................................................................... 574 12.5.1 Bus Cycle Division ........................................................................................... 576 12.5.2 Transfer Information Read Skip Function ........................................................ 578 12.5.3 Transfer Information Writeback Skip Function................................................ 579 12.5.4 Normal Transfer Mode ..................................................................................... 579 12.5.5 Repeat Transfer Mode ...................................................................................... 580 12.5.6 Block Transfer Mode ........................................................................................ 582 12.5.7 Chain Transfer .................................................................................................. 583 12.5.8 Operation Timing.............................................................................................. 584 12.5.9 Number of DTC Execution Cycles ................................................................... 586 12.5.10 DTC Bus Release Timing ................................................................................. 587 12.5.11 DTC Priority Level Control to the CPU ........................................................... 587 12.6 DTC Activation by Interrupt............................................................................................. 588 12.7 Examples of Use of the DTC ............................................................................................ 589 12.7.1 Normal Transfer Mode ..................................................................................... 589 12.7.2 Chain Transfer .................................................................................................. 589 12.7.3 Chain Transfer when Counter = 0..................................................................... 590 12.8 Interrupt Sources...............................................................................................................592 12.9 Usage Notes ...................................................................................................................... 592 12.9.1 Module Stop State Setting ................................................................................ 592 12.9.2 On-Chip RAM .................................................................................................. 592 12.9.3 DMAC Transfer End Interrupt.......................................................................... 592 12.9.4 DTCE Bit Setting.............................................................................................. 592 12.9.5 Chain Transfer .................................................................................................. 593 12.9.6 Transfer Information Start Address, Source Address, and Destination Address ............................................................................................................. 593 |