| データシートサーチシステム |
|
H8SX/1663R データシート(PDF) 784 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R データシート(HTML) 784 Page - Renesas Technology Corp |
|
784 / 1504 page ![]() Section 14 16-Bit Timer Pulse Unit (TPU) Rev. 2.00 Sep. 24, 2008 Page 752 of 1468 REJ09B0412-0200 (b) Phase counting mode 2 Figure 14.27 shows an example of phase counting mode 2 operation, and table 14.35 summarizes the TCNT up/down-count conditions. Time Down-count Up-count TCNT value TCLKA (channels 1 and 5) TCLKC (channels 2 and 4) TCLKB (channels 1 and 5) TCLKD (channels 2 and 4) Figure 14.27 Example of Phase Counting Mode 2 Operation Table 14.35 Up/Down-Count Conditions in Phase Counting Mode 2 TCLKA (Channels 1 and 5) TCLKC (Channels 2 and 4) TCLKB (Channels 1 and 5) TCLKD (Channels 2 and 4) Operation High level Don't care Low level Don't care Low level Don't care High level Up-count High level Don't care Low level Don't care High level Don't care Low level Down-count [Legend] : Rising edge : Falling edge |