| データシートサーチシステム |
|
H8SX/1663R データシート(PDF) 792 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R データシート(HTML) 792 Page - Renesas Technology Corp |
|
792 / 1504 page ![]() Section 14 16-Bit Timer Pulse Unit (TPU) Rev. 2.00 Sep. 24, 2008 Page 760 of 1468 REJ09B0412-0200 (2) Output Compare Output Timing A compare match signal is generated in the final state in which TCNT and TGR match (the point at which the count value matched by TCNT is updated). When a compare match signal is generated, the output value set in TIOR is output at the output compare output pin (TIOC pin). After a match between TCNT and TGR, the compare match signal is not generated until the TCNT input clock is generated. Figure 14.33 shows output compare output timing. P φ TCNT input clock TCNT N + 1 N Compare match signal TIOC pin TGR N Figure 14.33 Output Compare Output Timing (3) Input Capture Signal Timing Figure 14.34 shows input capture signal timing. P φ TCNT N + 1 N TGR Input capture input Input capture signal N + 2 N N + 2 Figure 14.34 Input Capture Input Signal Timing |