| データシートサーチシステム |
|
H8SX/1663R データシート(PDF) 875 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R データシート(HTML) 875 Page - Renesas Technology Corp |
|
875 / 1504 page ![]() Section 16 8-Bit Timers (TMR) Rev. 2.00 Sep. 24, 2008 Page 843 of 1468 REJ09B0412-0200 16.8.7 Mode Setting with Cascaded Connection If 16-bit counter mode and compare match count mode are specified at the same time, input clocks for TCNT_0 and TCNT_1 are not generated, and the counter stops. Do not specify 16-bit counter mode and compare match count mode simultaneously. 16.8.8 Module Stop State Setting Operation of the TMR can be disabled or enabled using the module stop control register. The initial setting is for operation of the TMR to be halted. Register access is enabled by clearing the module stop state. For details, see section 28, Power-Down Modes. 16.8.9 Interrupts in Module Stop State If the module stop state is entered when an interrupt has been requested, it will not be possible to clear the CPU interrupt source or the DTC activation source. Interrupts should therefore be disabled before entering the module stop state. |