| データシートサーチシステム |
|
H8SX/1663R データシート(PDF) 965 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R データシート(HTML) 965 Page - Renesas Technology Corp |
|
965 / 1504 page ![]() Section 19 Serial Communication Interface (SCI, IrDA, CRC) Rev. 2.00 Sep. 24, 2008 Page 933 of 1468 REJ09B0412-0200 19.6.4 Serial Data Reception (Clocked Synchronous Mode) (SCI_0, 1, 2, and 4 only) Figure 19.21 shows an example of SCI operation for reception in clocked synchronous mode. In serial reception, the SCI operates as described below. 1. The SCI performs internal initialization in synchronization with a synchronization clock input or output, starts receiving data, and stores the receive data in RSR. 2. If an overrun error (when reception of the next data is completed while the RDRF flag in SSR is still set to 1) occurs, the ORER bit in SSR is set to 1. If the RIE bit in SCR is set to 1 at this time, an ERI interrupt request is generated. Receive data is not transferred to RDR. The RDRF flag remains to be set to 1. 3. If reception finishes successfully, the RDRF bit in SSR is set to 1, and receive data is transferred to RDR. If the RIE bit in SCR is set to 1 at this time, an RXI interrupt request is generated. Because the RXI interrupt processing routine reads the receive data transferred to RDR before reception of the next receive data has finished, continuous reception can be enabled. Bit 7 Serial data Synchronization clock 1 frame RDRF ORER ERI interrupt request generated by overrun error RXI interrupt request generated RDR data read and RDRF flag cleared to 0 in RXI interrupt processing routine RXI interrupt request generated Bit 0 Bit 7 Bit 0 Bit 1 Bit 6 Bit 7 Figure 19.21 Example of Operation for Reception in Clocked Synchronous Mode Transfer cannot be resumed while a receive error flag is set to 1. Accordingly, clear the ORER, FER, PER, and RDRF bits to 0 before resuming reception. Figure 19.22 shows a sample flowchart for serial data reception. |