| データシートサーチシステム |
|
H8SX/1663R データシート(PDF) 1053 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R データシート(HTML) 1053 Page - Renesas Technology Corp |
|
1053 / 1504 page ![]() Section 20 USB Function Module (USB) Rev. 2.00 Sep. 24, 2008 Page 1021 of 1468 REJ09B0412-0200 20.5.7 EP3 Interrupt-In Transfer USB function Application IN token reception Data transmission to host Set EP3 transmission complete flag (IFR1.EP3 TS = 1) Write data to EP3 data register (EPDR3) Write 1 to EP3 packet enable bit (TRG.EP3 PKTE = 1) Clear EP3 transmission complete flag (IFR1.EP3 TS = 0) Write data to EP3 data register (EPDR3) Write 1 to EP3 packet enable bit (TRG.EP3 PKTE = 1) Valid data in EP3FIFO? Is there data for transmission to host? Is there data for transmission to host? No Yes No Yes No Yes NACK ACK Note: This flowchart shows just one example of interrupt transfer processing. Other possibilities include an operation flow in which, if there is data to be transferred, the EP3 DE bit in the data status register is referenced to confirm that the FIFO is empty, and then data is written to the FIFO. Interrupt request Figure 20.19 Operation of EP3 Interrupt-In Transfer |