| データシートサーチシステム |
|
H8SX/1663R データシート(PDF) 1168 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R データシート(HTML) 1168 Page - Renesas Technology Corp |
|
1168 / 1504 page ![]() Section 25 Flash Memory Rev. 2.00 Sep. 24, 2008 Page 1136 of 1468 REJ09B0412-0200 (7) Flash Erase Block Select Parameter (FEBS: General Register ER0 of CPU) • H8SX/1663 FEBS specifies the erase block number. Settable values range from 0 to 13 (H'0000 to H'000D). A value of 0 corresponds to block EB0 and a value of 13 corresponds to block EB13. An error occurs when a value over the range (from 0 to 13) is set. • H8SX/1664 FEBS specifies the erase block number. Settable values range from 0 to 15 (H'0000 to H'000F). A value of 0 corresponds to block EB0 and a value of 15 corresponds to block EB15. An error occurs when a value over the range (from 0 to 15) is set. • H8SX/1668 FEBS specifies the erase block number. Settable values range from 0 to 23 (H'0000 to H'0017). A value of 0 corresponds to block EB0 and a value of 23 corresponds to block EB23. An error occurs when a value over the range (from 0 to 23) is set. Bit Bit Name Initial Value R/W Bit Bit Name Initial Value R/W Bit Bit Name Initial Value R/W 7 R/W 6 R/W 5 R/W 4 R/W 3 R/W 0 R/W 2 R/W 1 R/W Bit Bit Name Initial Value R/W 15 R/W 14 R/W 13 R/W 12 R/W 11 R/W 8 R/W 10 R/W 9 R/W 23 R/W 22 R/W 21 R/W 20 R/W 19 R/W 16 R/W 18 R/W 17 R/W 31 R/W 30 R/W 29 R/W 28 R/W 27 R/W 24 R/W 26 R/W 25 R/W |