| データシートサーチシステム |
|
H8SX/1663R データシート(PDF) 1195 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R データシート(HTML) 1195 Page - Renesas Technology Corp |
|
1195 / 1504 page ![]() Section 25 Flash Memory Rev. 2.00 Sep. 24, 2008 Page 1163 of 1468 REJ09B0412-0200 Table 25.9 Usable Area for Programming in User Program Mode Storable/Executable Area Selected MAT Item On-Chip RAM User MAT User MAT Embedded Program Storage MAT Storage area for program data O ×* Operation for selecting on-chip program to be downloaded O O O Operation for writing H'A5 to FKEY O O O Execution of writing 1 to SCO bit in FCCS (download) O × O Operation for clearing FKEY O O O Decision of download result O O O Operation for download error O O O Operation for setting initialization parameter O O O Execution of initialization O × O Decision of initialization result O O O Operation for initialization error O O O NMI handling routine O × O Operation for disabling interrupts O O O Operation for writing H'5A to FKEY O O O Operation for setting programming parameter O × O Execution of programming O × O Decision of programming result O × O Operation for programming error O × O Operation for clearing FKEY O × O Note: * Transferring the program data to the on-chip RAM beforehand enables this area to be used. |