| データシートサーチシステム |
|
H8SX/1663R データシート(PDF) 1248 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R データシート(HTML) 1248 Page - Renesas Technology Corp |
|
1248 / 1504 page ![]() Section 26 Boundary Scan Rev. 2.00 Sep. 24, 2008 Page 1216 of 1468 REJ09B0412-0200 26.5 Operations The boundary scan functionality is valid when the EMLE pin is set t o 0 and this LSI is in MCU operation mode 3. 26.5.1 TAP Controller Figure 26.2 shows the state transition diagram of the TAP controller. Test -logic-reset Capture-DR Shift-DR Exit1-DR Pause-DR Exit2-DR Update-DR Select-DR Run-test/idle 1 0 0 0 0 11 1 1 0 0 0 1 11 0 1 1 1 0 Capture-IR Shift-IR Exit1-IR Pause-IR Exit2-IR Update-IR Select-IR 0 0 1 0 0 0 1 0 1 1 10 Figure 26.2 State Transitions of the TAP Controller |