| データシートサーチシステム |
|
H8SX/1663R データシート(PDF) 1267 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R データシート(HTML) 1267 Page - Renesas Technology Corp |
|
1267 / 1504 page ![]() Section 28 Power-Down Modes Rev. 2.00 Sep. 24, 2008 Page 1235 of 1468 REJ09B0412-0200 Section 28 Power-Down Modes Functions for reduced power consumption by this LSI include a multi-clock function, module stop function, and a function for transition to power-down mode. 28.1 Features • Multi-clock function The frequency division ratio is settable independently for the system clock, peripheral module clock, and external bus clock. All of the system clock, peripheral module clock, and external bus clock can be switched to 32.768-kHz subclock. • Module stop function The functions for each peripheral module can be stopped to make a transition to a power-down mode. • Transition function to power-down mode Transition to a power-down mode is possible to stop the CPU, peripheral modules, and oscillator. • Five power-down modes Sleep mode All-module-clock-stop mode Software standby mode Deep software standby mode Hardware standby mode Table 28.1 shows conditions to shift to a power-down mode, states of the CPU and peripheral modules, and clearing method for each mode. After the reset state, since this LSI operates in normal program execution state, the modules, other than the DMAC, DTC, and EXDMAC are stopped. |