| データシートサーチシステム |
|
SIM800 データシート(PDF) 173 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 173 Page - SIMCom |
|
173 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 173 2015-08-03 "SQ" Signal Quality Report Displays signal strength and channel bit error rate (similar to AT+CSQ) in form +CSQN: <rssi>,<ber>when values change. <mode> 0 Disable 1 Enable 2 Query Parameter Saving Mode AT&W_SAVE Max Response Time - Reference Note 6.2.36 AT+CGMSCLASS Change GPRS Multislot Class AT+CGMSCLASS Change GPRS Multislot Class Response MULTISLOT CLASS: (2,4,8,9,10,12) OK Test Command AT+CGMSCLA SS=? Parameter See Write Command Response MULTISLOT CLASS: <class> OK Read Command AT+CGMSCLA SS? Parameter See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CGMSCLA SS=<class> Parameter <class> GPRS multi-slot class Parameter Saving Mode AUTO_SAVE Max Response Time - Reference Note |