| データシートサーチシステム |
|
SIM800 データシート(PDF) 169 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 データシート(HTML) 169 Page - SIMCom |
|
169 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 169 2015-08-03 Mode Max Response Time - Reference Note If the SIM supports GID files, the GID values will be retuned. Otherwise 0xff is retuned. 6.2.30 AT+MORING Show State of Mobile Originated Call AT+MORING Show State of Mobile Originated Call Response +MORING: (0,1) OK Test Command AT+MORING=? Parameter See Write Command Response +MORING: <mode> OK Read Command AT+MORING? Parameter See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Parameter <mode> 0 Not show call state of mobile originated call 1 Show call state of mobile originated call. After the call number is dialed, the URC strings of MO RING will be sent if another call is alerted and the URC strings of MO CONNECTED will be sent if the call is established. Write Command AT+MORING=< mode> Unsolicited Result Code MO RING The call is alerted. MO CONNECTED The call is established. Parameter Saving Mode AT&W_SAVE Max Response Time - |